Part Number Hot Search : 
SAA7131A 633A32 MMBT4 SFBDY27 4071BCP LAP47B 2SB1319 TMR3001
Product Description
Full Text Search
 

To Download SDR1006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL
IA
Features
Available in E12 series Small design of only 9.8 mm maximum
Applications
Input/output of DC/DC converters Power supplies for:
oH
S
CO
M
NT
diameter RoHS compliant*
*R
* Portable communications equipment * Camcorders * LCD TVs * CD-players * Car radios
SDR1006 Series - SMD Power Inductors
Electrical Specifications
Inductance 1kHz Bourns Part No. (H) Tol. % Q Ref. Test Frequency (MHz) SRF Min. (MHz) RDC () I rms Max. (A) I sat Typ. (A)
SDR1006-1R5ML SDR1006-2R2ML SDR1006-3R3ML SDR1006-3R9ML SDR1006-4R7ML SDR1006-5R6ML SDR1006-6R8ML SDR1006-8R2ML SDR1006-100ML SDR1006-120ML SDR1006-150ML SDR1006-180ML SDR1006-220ML SDR1006-270KL SDR1006-330KL SDR1006-390KL SDR1006-470KL SDR1006-560KL SDR1006-680KL SDR1006-820KL SDR1006-101KL SDR1006-121KL SDR1006-151KL SDR1006-181KL SDR1006-221KL SDR1006-271KL SDR1006-331KL SDR1006-391KL SDR1006-471KL SDR1006-561KL SDR1006-681KL SDR1006-821KL SDR1006-102KL SDR1006-122KL SDR1006-152KL SDR1006-182KL SDR1006-222KL SDR1006-272KL SDR1006-332KL SDR1006-392KL SDR1006-472KL
1.5 2.2 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700

20 20 20 20 20 20 20 20 20 20 20 20 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
35 35 34 34 33 33 33 31 30 30 30 30 25 25 25 20 20 20 15 15 15 15 15 12 12 12 12 12 12 12 12 10 30 31 31 31 31 32 32 32 32
7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.252 0.252 0.252 0.252 0.252 0.252 0.252 0.252 0.252
105 68 55 48 40 35 32 24 21 20 16 15 13 11 10 9.0 8.0 7.5 7.0 6.0 5.2 5.0 4.5 4.0 3.8 3.5 3.2 3.0 2.5 2.3 2.1 2.0 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 0.8
0.018 0.021 0.024 0.027 0.036 0.040 0.044 0.048 0.060 0.070 0.080 0.090 0.10 0.11 0.12 0.14 0.17 0.19 0.22 0.25 0.35 0.40 0.47 0.63 0.73 0.97 1.15 1.30 1.48 1.90 2.25 2.55 3.10 4.20 5.00 6.80 7.60 11.60 13.50 14.80 18.00
6.40 5.40 5.00 4.60 4.00 3.80 3.40 3.00 2.60 2.45 2.25 2.15 1.95 1.75 1.50 1.35 1.25 1.15 1.10 1.00 0.97 0.89 0.78 0.72 0.66 0.57 0.52 0.48 0.42 0.33 0.28 0.24 0.23 0.21 0.19 0.17 0.16 0.14 0.12 0.11 0.10
10.00 10.00 10.00 8.40 7.30 6.40 5.90 5.40 5.10 4.50 4.00 3.80 3.50 3.40 2.90 2.60 2.30 2.10 2.00 1.90 1.70 1.50 1.40 1.30 1.10 1.00 0.85 0.80 0.80 0.66 0.65 0.56 0.53 0.48 0.45 0.38 0.36 0.33 0.30 0.28 0.24
General Specifications Test Frequency ..............................1 KHz Test Voltage........................................1 V Reflow Soldering ...230 C, 50 sec. max. Operating Temperature .-40 C to +125 C (Temperature rise included) Storage Temperature..-40 C to +125 C Resistance to Soldering Heat ..................................260 C for 5 sec. Materials Core ...............................Ferrite DR core Wire ...................Enamelled copper wire Terminal.....................................Ag/Ni/Sn Rated Current ....................Ind. drop 10 % typ. at Isat Temperature Rise ......................40 C max. at rated Irms Packaging.....................800 pcs. per reel Product Dimensions
9.8 MAX. (.386)
5.8 MAX. (.228)
2.9 TYP. (.114)
9.8 MAX. (.386)
Recommended Layout
10.0 MAX. (.394) 2.8 (.110) MAX.
10.0 MAX. (.394)
DIMENSIONS:
MM (INCHES)
Typical Part Marking
START
101
FINISH
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
SDR1006 Series - SMD Power Inductors
Packaging Specifications
2.0 0.5 (.079 .020)
Materials Paper Plastics
30.4 (1.20)
330 (12.992) DIA.
21 0.8 (.827 .039)
13.0 0.5 (.512 .020) DIA. 50.0 (1.969)
THICKNESS 0.10 (.004) MAX. EMBOSSED CAVITY
13.0 0.5 DIA. (.512 .020)
EMBOSSED CARRIER
26 (1.024)
DIMENSIONS:
MM (INCHES)
24 (.945)
END
4 (.157)
START
12 (.472)
NO COMPONENT COMPONENTS NO COMPONENT
6.7 (.264) t=
200 (7.874) .35 (.014)
12000 (472.441)
400 (15.748)
USER DIRECTION OF FEED
QTY: 800 PCS. PER REEL
Strength Of Cover Tape
165 TO 180 TOP COVER TAPE
BASE TAPE
The force for tearing off cover tape is 10 to 130 grams in the arrow direction.
REV. 05/05 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of SDR1006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X